Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT-191UD Fiches technique(PDF) 22 Page - List of Unclassifed Manufacturers

No de pièce HT-191UD
Description  Label Specifications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

HT-191UD Fiches technique(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button HT-191UD Datasheet HTML 17Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 18Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 19Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 20Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 21Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 22Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 23Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 24Page - List of Unclassifed Manufacturers HT-191UD Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Top-emitting 0603 (1608)
HT-191 Series
Official Product
Product: HT-191 Series
Data Sheet No.
Tentative Product
****************
HT-191 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Jan. 14, 2009
Version of 1.4
Page
22/25
Reflow Soldering
• Recommended tin glue specifications: melting temperature in the range of 178~192 OC
• The recommended reflow soldering profile is as follows (temperatures indicated are as
measured on the surface of the LED resin):
Lead Solder Profile
Lead-free Solder Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25