Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC8562FSZ Fiches technique(PDF) 16 Page - Analog Devices

No de pièce DAC8562FSZ
Description  5 Volt, Parallel Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

DAC8562FSZ Fiches technique(HTML) 16 Page - Analog Devices

Back Button DAC8562FSZ Datasheet HTML 8Page - Analog Devices DAC8562FSZ Datasheet HTML 9Page - Analog Devices DAC8562FSZ Datasheet HTML 10Page - Analog Devices DAC8562FSZ Datasheet HTML 11Page - Analog Devices DAC8562FSZ Datasheet HTML 12Page - Analog Devices DAC8562FSZ Datasheet HTML 13Page - Analog Devices DAC8562FSZ Datasheet HTML 14Page - Analog Devices DAC8562FSZ Datasheet HTML 15Page - Analog Devices DAC8562FSZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
DAC8562
REV. A
–16–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Pin Plastic DIP (P-Suffix)
PIN 1
0.255 (6.477)
0.245 (6.223)
20
1
11
10
0.145
(3.683)
MIN
0.021 (0.533)
0.015 (0.381)
0.065 (1.66)
0.045 (1.15)
0.135 (3.429)
0.125 (3.17)
SEATING
PLANE
1.07 (27.18) MAX
0.11 (2.79)
0.09 (2.28)
0.125
(3.175)
MIN
0.32 (8.128)
0.30 (7.62)
0.011 (0.28)
0.009 (0.23)
15
°
0
LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH
LEADS ARE SOLDER OR TIN-PLATED KOVAR OR ALLOY 42.
20-Pin Cerdip (R-Suffix)
LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH
LEADS ARE SOLDER OR TIN-PLATED KOVAR OR ALLOY 42.
PIN 1
10
11
1
20
0.28 (7.11)
0.24 (6.1)
15
°
0
°
0.011 (0.28)
0.009 (0.23)
0.32 (8.128)
0.29 (7.366)
SEATING
PLANE
0.97 (24.64)
0.935 (23.75)
0.20 (5.0)
0.14 (3.56)
0.15 (3.8)
0.125 (3.18)
0.02 (0.5)
0.016 (0.14)
0.11 (2.79)
0.09 (2.28)
0.07 (1.78)
0.05 (1.27)
0.18 (4.57)
0.125 (3.18)
20-Lead SOIC (S-Suffix)
0.022 (0.56)
0.014 (0.36)
0.050 (1.27)
BSC
0.107 (2.72)
0.089 (2.26)
0.512 (13.00)
0.496 (12.60)
0.011 (0.275)
0.005 (0.125)
0.034 (0.86)
0.018 (0.46)
0.015 (0.38)
0.007 (0.18)
PIN 1
0.419 (10.65)
0.404 (10.00)
0.299 (7.60)
0.291 (7.40)
1
20
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16