Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZW50 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce BZW50
Description  Transil?? transient voltage surge suppressor (TVS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW50 Fiches technique(HTML) 6 Page - STMicroelectronics

  BZW50 Datasheet HTML 1Page - STMicroelectronics BZW50 Datasheet HTML 2Page - STMicroelectronics BZW50 Datasheet HTML 3Page - STMicroelectronics BZW50 Datasheet HTML 4Page - STMicroelectronics BZW50 Datasheet HTML 5Page - STMicroelectronics BZW50 Datasheet HTML 6Page - STMicroelectronics BZW50 Datasheet HTML 7Page - STMicroelectronics BZW50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
BZW50
6/8
Doc ID 2973 Rev 5
3
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 4.
R6 Dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
8.6
9.1
0.338
0.358
B25.4
1
Ø C
8.6
9.1
0.338
0.358
Ø D
1.2
1.3
0.047
0.051
Table 5.
Marking
Unidirectional
order code
Marking
Bidirectional
order code
Marking
BZW50-10
BZW50-10
BZW50-10B
BZW50-10B
BZW50-12
BZW50-12
BZW50-12B
BZW50-12B
BZW50-15
BZW50-15
BZW50-15B
BZW50-15B
BZW50-18
BZW50-18
BZW50-18B
BZW50-18B
BZW50-22
BZW50-22
BZW50-22B
BZW50-22B
BZW50-27
BZW50-27
BZW50-27B
BZW50-27B
BZW50-33
BZW50-33
BZW50-33B
BZW50-33B
BZW50-39
BZW50-39
BZW50-39B
BZW50-39B
BZW50-47
BZW50-47
BZW50-47B
BZW50-47B
BZW50-56
BZW50-56
BZW50-56B
BZW50-56B
BZW50-68
BZW50-68
BZW50-68B
BZW50-68B
BZW50-82
BZW50-82
BZW50-82B
BZW50-82B
BZW50-100
BZW50-100
BZW50-100B
BZW50-100B
BZW50-120
BZW50-120
BZW50-120B
BZW50-120B
BZW50-150
BZW50-150
BZW50-150B
BZW50-150B
BZW50-180
BZW50-180
BZW50-180B
BZW50-180B
ØC
ØD
A
BB



Html Pages

1 2 3 4 5 6 7 8