Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM1831 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STM1831
Description  Voltage detector with sense input and external delay capacitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1831 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STM1831 Datasheet HTML 16Page - STMicroelectronics STM1831 Datasheet HTML 17Page - STMicroelectronics STM1831 Datasheet HTML 18Page - STMicroelectronics STM1831 Datasheet HTML 19Page - STMicroelectronics STM1831 Datasheet HTML 20Page - STMicroelectronics STM1831 Datasheet HTML 21Page - STMicroelectronics STM1831 Datasheet HTML 22Page - STMicroelectronics STM1831 Datasheet HTML 23Page - STMicroelectronics STM1831 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
STM1831
Package mechanical data
Doc ID 18180 Rev 1
21/24
Figure 23.
SOT23-5 - 5-lead small outline transistor package mechanical drawing
Note:
Drawing is not to scale.
E
1
e
5 x b
e1
D
A1
A2
A
5x
0.10 C
E1
L
C
T
0133778_C
Table 5.
SOT23-5 - 5-lead small outline transistor package mechanical data
Symbol
Millimeters
Inches
Note
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.45
0.057
A1
0.00
0.15
0.00
0.006
A2
1.15
0.90
1.30
0.045
0.035
0.051
b
0.30
0.50
0.012
0.020
c
0.08
0.22
0.003
0.009
D2.90
0.114
E2.80
0.110
E1
1.60
0.063
e0.95
0.037
e1
1.90
0.075
L
0.45
0.30
0.60
0.018
0.012
0.024
θ
4
0
8
4
0
8
Degrees
N5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24