Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5308060 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce 5308060
Description  Bending light the easy way
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

5308060 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 5308060 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5308060 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5308060 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5308060 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5308060 Datasheet HTML 7Page - List of Unclassifed Manufacturers 5308060 Datasheet HTML 8Page - List of Unclassifed Manufacturers 5308060 Datasheet HTML 9Page - List of Unclassifed Manufacturers 5308060 Datasheet HTML 10Page - List of Unclassifed Manufacturers 5308060 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
536
LL 3 Plastic fibre-optic cables, proximity systems
SENSICK CATALOGUE
ø 1.0x2
ø 1.3x2
M4
2000
12
3
40
160
200
40
30
20
10
0
-10
-20
-30
-40
LL3-DM01
WLL 170T: LED red
Distance X (mm)
120
80
X
ø 0.025 mm
6
4.5
3
1.5
0
-1.5
-3
-4.5
-6
WLL 170T: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
15
7.5
X
fine copper wire
22.5
LL3-DM01
ø 0.5x2
ø 2.5
ø 2.5
10
2000
ø 1.0x2
Material: Core: PMMA, Sheath: PE;
Sleeve: 1.4305 (German materials no.)
Stainless steel, resistant to rusting and acids
LL3-DM01
Operating level
10
1
050
100
Scanning distance (mm)
100
WLL 170: LED red
WLL 170T: LED red
Distance X (mm)
10
40
50
8
6
4
2
0
-2
-4
-6
-8
LL3-DT03
WLL 170T: LED red
30
20
X
ø 0.025 mm
4
3
2
1
0
-1
-2
-3
-4
WLL 170T: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
10
5
X
fine copper wire
15
LL3-DT03
LL3-DT03
Operating level
10
1
010
20
30
Scanning distance (mm)
100
WLL 170: LED red
WLL 170T: LED red
M3x0.5
ø 1.0x2
ø 0.5x2
ø 5.5
ø 2.5
12
2000
Distance X (mm)
10
40
50
8
6
4
2
0
-2
-4
-6
-8
LL3-DS06
WLL 170T: LED red
30
20
X
ø 0.025 mm
4
3
2
1
0
-1
-2
-3
-4
WLL 170T: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
10
5
X
fine copper wire
15
LL3-DS06
ø 0.26x16 Receiver
ø 1 Sender
10
5
5
15
2000
ø 2.5
M6x0.75
1)
2)
ø 2.2x2
LL3-DS06
Operating level
10
1
010
20
30
Scanning distance (mm)
100
WLL 170: LED red
WLL 170T: LED red
40
160
200
40
30
20
10
0
-10
-20
-30
-40
LL3-DB01
WLL 170T: LED red
Distance X (mm)
120
80
X
X
fine copper wire
WLL 170T: LED red
ø 0.08 mm
ø 0.45 mm
22.5
ø 0.025 mm
ø 0.015 mm
6
4.5
3
1.5
0
-1.5
-3
-4.5
-6
Distance X (mm)
15
7.5
ø
LL3-DB01
LL3-DB01
Operating level
10
1
050
100
Scanning distance (mm)
100
WLL 170: LED red
WLL 170T: LED red
Material: Core: PMMA, Sheath: PE;
Sleeve: 1.4305 (German materials no.)
Stainless steel, resistant to rusting and acids
Material: Core: PMMA, Sheath: PE;
Sleeve: 1.4305 (German materials no.)
Stainless steel, resistant to rusting and acids
Material: Core: PMMA, Sheath: PE;
Sleeve: 1.4305 (German materials no.)
Stainless steel, resistant to rusting and acids
1) Sender
2) Receiver
40
160
200
40
30
20
10
0
-10
-20
-30
-40
LL3-DM01
WLL 170: LED red
Distance X (mm)
120
80
X
ø 0.025 mm
6
4.5
3
1.5
0
-1.5
-3
-4.5
-6
WLL 170: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
15
7.5
X
fine copper wire
22.5
LL3-DM01
Distance X (mm)
10
40
50
8
6
4
2
0
-2
-4
-6
-8
LL3-DT03
WLL 170: LED red
30
20
X
ø 0.025 mm
4
3
2
1
0
-1
-2
-3
-4
WLL 170: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
10
5
X
fine copper wire
15
LL3-DT03
Distance X (mm)
10
40
50
8
6
4
2
0
-2
-4
-6
-8
LL3-DS06
WLL 170: LED red
30
20
X
ø 0.025 mm
4
3
2
1
0
-1
-2
-3
-4
WLL 170: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
10
5
X
fine copper wire
15
LL3-DS06
40
160
200
40
30
20
10
0
-10
-20
-30
-40
LL3-DB01
WLL 170: LED red
Distance X (mm)
120
80
X
X
fine copper wire
WLL 170: LED red
ø 0.08 mm
ø 0.45 mm
22.5
ø 0.025 mm
ø 0.015 mm
6
4.5
3
1.5
0
-1.5
-3
-4.5
-6
Distance X (mm)
15
7.5
ø
LL3-DB01
Order information
Dimensional drawings and characteristic curves (WLL 170/T) for LL 3 fibre-optic cables – proximity systems
Type
Part no.
LL 3-DM01
5 308 071
Order information
Type
Part no.
LL 3-DT03
5 308 072
Order information
Type
Part no.
LL 3-DS06
5 308 073
Order information
Type
Part no.
LL 3-DB01
5 308 074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com