| Moteur de recherche de fiches techniques de composants électroniques |
|
HM5259165B Fiches technique(PDF) 36 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
HM5259165B Fiches technique(HTML) 36 Page - Elpida Memory |
|
36 / 63 page ![]() HM5259165B/HM5259805B/HM5259405B-75/A6 Data Sheet E0118H10 36 Write command to Precharge command interval (same bank): When the precharge command is executed for the same bank as the write command that preceded it, the minimum interval between the two commands is 1 clock. However, if the burst write operation is unfinished, the input data must be masked by means of DQM, DQMU/DQML for assurance of the clock defined by t DPL. WRITE to PRECHARGE Command Interval (same bank) Burst Length = 4 (To stop write operation) CLK Command Din WRIT PRE/PALL tDPL DQM, DQMU/DQML CLK in A0 in A1 Command Din WRIT PRE/PALL DQM, DQMU/DQML tDPL Burst Length = 4 (To write all data) CLK in A0 in A1 in A2 Command Din WRIT PRE/PALL in A3 DQM, DQMU/DQML tDPL |