| Moteur de recherche de fiches techniques de composants électroniques |
|
JSST175 Fiches technique(PDF) 6 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
JSST175 Fiches technique(HTML) 6 Page - Vishay Siliconix |
|
6 / 7 page ![]() 7.5 k W 51 W 1.2 k W 51 W 51 W 1.2 k W 0.1 mF Sampling Scope VGG VDD RG VGS(H) VGS(L) RL J/SST174/175/176/177 Series Vishay Siliconix www.vishay.com 9-6 Document Number: 70257 S-04030—Rev. E, 04-Jun-01 SWITCHING TIME TEST CIRCUIT 174 175 176 177 VDD –10 V –6 V –6 V –6 V VGG 20 V 12 V 8 V 5 V RL* 560 W 750 W 1800 W 5600 W RG* 100 W 220 W 390 W 390 W ID(on) –15 mA –7 mA –3 mA –1 mA *Non-inductive INPUT PULSE SAMPLING SCOPE Rise Time < 1 ns Fall Time < 1 ns Pulse Width 100 ns PRF 1 MHz Rise Time 0.4 ns Input Resistance 10 M W Input Capacitance 1.5 pF See Typical Characteristics curves for changes. |