Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZICM357SP0-1C-R Fiches technique(PDF) 12 Page - California Eastern Labs

No de pièce ZICM357SP0-1C-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP0-1C-R Fiches technique(HTML) 12 Page - California Eastern Labs

Back Button ZICM357SP0-1C-R Datasheet HTML 8Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 9Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 10Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 11Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 12Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 13Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 14Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 15Page - California Eastern Labs ZICM357SP0-1C-R Datasheet HTML 16Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
EM357 Mini Modules
Page 12
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
Rework
The MeshConnect Module can be unsoldered from the host board. Use of a hot air rework tool should be
programmable and the solder joint and module should not exceed the maximum peak reflow temperature
of 250ºC.
Caution
If temperature ramps exceed the reflow temperature profile, module and component damage may occur due to
thermal shock. Avoid overheating.
Warning
Never attempt a rework on the module itself (i.e., replacing individual components); such actions will terminate
warranty coverage.
Additional Grounding
Attempts to improve the module or the system grounding by soldering braids, wires or cables onto the module
RF shield cover is done at the customer's own risk. The ground pins at the module perimeter should be sufficient
for optimum immunity to external RF interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18