Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960JC Fiches technique(PDF) 4 Page - Intel Corporation

No de pièce 80960JC
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960JC Fiches technique(HTML) 4 Page - Intel Corporation

  80960JC Datasheet HTML 1Page - Intel Corporation 80960JC Datasheet HTML 2Page - Intel Corporation 80960JC Datasheet HTML 3Page - Intel Corporation 80960JC Datasheet HTML 4Page - Intel Corporation 80960JC Datasheet HTML 5Page - Intel Corporation 80960JC Datasheet HTML 6Page - Intel Corporation 80960JC Datasheet HTML 7Page - Intel Corporation 80960JC Datasheet HTML 8Page - Intel Corporation 80960JC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
Contents
4
Datasheet
Figures
1
80960Jx Microprocessor Package Options .................................................................................. 7
2
80960Jx Block Diagram.............................................................................................................. 10
3
132-Lead Pin Grid Array Top View-Pins Facing Down............................................................... 23
4
132-Lead Pin Grid Array Bottom View-Pins Facing Up .............................................................. 24
5
132-Lead PQFP - Top View .......................................................................................................27
6
196-Ball Mini Plastic Ball Grid Array Top View-Balls Facing Down ............................................ 30
7
196-Ball Mini Plastic Ball Grid Array Bottom View-Balls Facing Up ........................................... 31
8
VCC5 Current-Limiting Resistor .................................................................................................36
9
VCCPLL Lowpass Filter ............................................................................................................. 37
10
A.C. Test Load............................................................................................................................ 45
11
Output Delay or Hold vs. Load Capacitance–80960JS/JC/JT (3.3 V Signals) .......................... 46
12
Output Delay or Hold vs. Load Capacitance–80960JS/JC/JT (5 V Signals) ............................. 46
13
Output Delay or Hold vs. Load Capacitance–80960JA/JF/JD .................................................... 47
14
TLX vs. AD Bus Load Capacitance–80960JS/JC/JT (3.3 V Signals) ......................................... 47
15
TLX vs. AD Bus Load Capacitance–80960JS/JC/JT (5 V Signals) ............................................ 48
16
TLX vs. AD Bus Load Capacitance–80960JA/JF/JD................................................................... 48
17
ICC Active (Power Supply) vs. Frequency–80960JA/JF ............................................................. 49
18
80960JA/JF ICC Active (Thermal) vs. Frequency ....................................................................... 49
19
80960JD ICC Active (Power Supply) vs. Frequency ................................................................... 50
20
80960JD ICC Active (Thermal) vs. Frequency ............................................................................ 50
21
80960JC ICC Active (Power Supply) vs. Frequency ................................................................... 51
22
80960JC ICC Active (Thermal) vs. Frequency ............................................................................ 51
23
80960JS ICC Active (Power Supply) vs. Frequency ................................................................... 52
24
80960JS ICC Active (Thermal) vs. Frequency ............................................................................ 52
25
CLKIN Waveform........................................................................................................................ 53
26
TOV1 Output Delay Waveform .................................................................................................... 53
27
TOF Output Float Waveform ....................................................................................................... 54
28
TIS1 and TIH1 Input Setup and Hold Waveform .......................................................................... 54
29
TIS2 and TIH2 Input Setup and Hold Waveform .......................................................................... 54
30
TIS3 and TIH3 Input Setup and Hold Waveform .......................................................................... 55
31
TIS4 and TIH4 Input Setup and Hold Waveform .......................................................................... 55
32
TLX, TLXL and TLXA Relative Timings Waveform ........................................................................ 56
33
DT/R# and DEN# Timings Waveform......................................................................................... 56
34
TCK Waveform ........................................................................................................................... 57
35
TBSIS1 and TBSIH1 Input Setup and Hold Waveforms................................................................. 57
36
TBSOV1 and TBSOF1 Output Delay and Output Float Waveform ................................................. 57
37
TBSOV2 and TBSOF2 Output Delay and Output Float Waveform ................................................. 58
38
TBSIS2 and TBSIH2 Input Setup and Hold Waveform................................................................... 58
39
80960JS/JC/JT Device Identification Register Fields ................................................................. 60
40
80960JD Device Identification Register Fields ........................................................................... 61
41
80960JA/JF Device Identification Register Fields ...................................................................... 62
42
Non-Burst Read and Write Transactions Without Wait States, 32-Bit Bus................................. 69
43
Burst Read and Write Transactions Without Wait States, 32-Bit Bus ........................................ 70
44
Burst Write Transactions With 2,1,1,1 Wait States, 32-Bit Bus .................................................. 71
45
Burst Read and Write Transactions Without Wait States, 8-Bit Bus .......................................... 72
46
Burst Read and Write Transactions With 1, 0 Wait States
and Extra Tr State on Read, 16-Bit Bus ..................................................................................... 73
47
Double Word Read Bus Request, Misaligned One Byte From
Quad Word Boundary, 32-Bit Bus, Little Endian ........................................................................ 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86