| Moteur de recherche de fiches techniques de composants électroniques |
|
PLCDA03 Fiches technique(PDF) 6 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
PLCDA03 Fiches technique(HTML) 6 Page - Protek Devices |
|
6 / 9 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05076.R10 9/12 Page 6 PLCDA03 - PLCDA24 APPLICATION INFORMATION FIGURE 1 - BIDIRECTIONAL COMMON-MODE USB PROTECTION Circuit connectivity is as follows: • Pins 1, 2, 3 and 4 connected to ground. • Pins 5 and 6 connected to I/O Line D+. • Pins 7 and 8 connected to I/O Line D-. CIRCUIT BOARD RECOMMENDATIONS Circuit board layout is critical for electromagnetic compatibility protection. The following guidelines are recommended: • The protection device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. • The path length between the TVS device and the protected line should be minimized. • All conductive loops including power and ground loops should be minimized. • The transient current return path to ground should be kept as short as possible to reduce parasitic inductance. • Ground planes should be used whenever possible. For multilayer PCBs, use ground vias. 1 2 4 8 3 5 6 7 D+ D- GND |