| Moteur de recherche de fiches techniques de composants électroniques |
|
KMPC8315CVRAGDA Fiches technique(PDF) 86 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
KMPC8315CVRAGDA Fiches technique(HTML) 86 Page - Freescale Semiconductor, Inc |
|
86 / 106 page ![]() MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2 86 Freescale Semiconductor Package and Pin Listings ETSEC2 GPIO_26/TSEC2_COL A8 I/O LVDD2_ON — GPIO_27/TSEC2_CRS E9 I/O LVDD2_ON — TSEC2_GTX_CLK B10 O LVDD2_ON — TSEC2_RX_CLK B8 I LVDD2_ON — TSCE2_RX_DV C9 I LVDD2_ON — TSEC2_RXD[3] C10 I LVDD2_ON — TSEC2_RXD[2] D10 I LVDD2_ON — TSEC2_RXD[1] A9 I LVDD2_ON — TSEC2_RXD[0] B9 I LVDD2_ON — TSEC2_RX_ER A10 I LVDD2_ON — TSEC2_TX_CLK D8 I LVDD2_ON — TSEC2_TXD[3]/CFG_RESET_SOURCE[0] D11 I/O LVDD2_ON — TSEC2_TXD[2]/CFG_RESET_SOURCE[1] C7 I/O LVDD2_ON — TSEC2_TXD[1]/CFG_RESET_SOURCE[2] E8 I/O LVDD2_ON — TSEC2_TXD[0]/CFG_RESET_SOURCE[3] B7 I/O LVDD2_ON — TSEC2_TX_EN D12 O LVDD2_ON — TSEC2_TX_ER B11 O LVDD2_ON — SGMII / PCI Express PHY TXA P4 O XPADVDD — TXA N4 O XPADVDD — RXA R1 I XCOREVDD — RXA P1 I XCOREVDD — TXB U4 O XPADVDD — TXB V4 O XPADVDD — RXB U1 I XCOREVDD — RXB V1 I XCOREVDD — SD_IMP_CAL_RX N3 I XCOREVDD — SD_REF_CLK R4 I XCOREVDD — SD_REF_CLK R5 I XCOREVDD — SD_PLL_TPD T2 O — — SD_IMP_CAL_TX V5 I XPADVDD — SDAVDD T3 I — — SD_PLL_TPA_ANA T4 O — — SDAVSS T5 I — — USB Phy Table 70. MPC8315E TEPBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Note |