| Moteur de recherche de fiches techniques de composants électroniques |
|
EL4331CS Fiches technique(PDF) 3 Page - Elantec Semiconductor |
|
|
|||||||||||||||||||||||||||||
EL4331CS Fiches technique(HTML) 3 Page - Elantec Semiconductor |
|
3 / 13 page ![]() 3 EL4331C Triple 2:1 Mux-Amp AV = 1 AC Electrical Characteristics VCC = +5V, VEE = -0.5V, Ambient Temperature = 25°C, RL = 150Ω and CL = 5 pF Parameter Description Min Typ Max Test Level Units BW -3 dB Bandwidth -3 dB BW with 250 Ω and 10 pF Load 300 400 V V MHz MHz SR Slew Rate (4V Square Wave, Measured 25%–75%) 400 V V/µs TS Settling Time to 0.1% of Final Value 13 V ns TAB Time to Switch Inputs 3 V ns OS Overshoot, VOUT = 4Vpk-pk 8V % ISO-AB-10M Input to Input Isolation at 10 MHz 53 V dB ISO-AB-100M Input to Input Isolation at 100 MHz 33 V dB ISO-CH-10M Channel to Channel Isolation at 10 MHz 56 V dB ISO-CH-CH-100M Channel to Channel Isolation at 100 MHz 33 V dB Pkg Peaking with Nominal Load 0 V dB TON_PD Power Down Turn-On Time 150 V ns TOFF_PD Power Down Turn-Off Time 1 V µs |