Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC30QSA065 Fiches technique(PDF) 1 Page - Nihon Inter Electronics Corporation

No de pièce EC30QSA065
Description  SBD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NIEC [Nihon Inter Electronics Corporation]
Site Internet  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

EC30QSA065 Fiches technique(HTML) 1 Page - Nihon Inter Electronics Corporation

  EC30QSA065 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3A Avg.
Volts
SBD
■OUTLINE DRAWING(mm)
■定格・特性曲線
268
■APPROX. NET WEIGHT:0.06 g
EC30QSA065
65
■最大定格 Maximum Ratings
■電気的・熱的特性 Electrical/Thermal Characteristics
FIG.1
FIG.4
FIG.8
3
.
G
I
F
2
.
G
I
F
FIG.7
6
.
G
I
F
5
.
G
I
F
Item
Symbol
Conditions
く り 返 し ピ ー ク 逆 電 圧
Repetitive Peak Reverse Voltage
VRRM
65
Average Rectified Forward Current
IO
(Tl:lead Temperature)
3.0
R.M.S. Forward Current
IF(RMS)
4.71
Storage Temperature Range
Tstg
−40∼+150
Surge Forward Current
IFSM
60 50Hz正弦半波,1サイクル,非くり返し
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
V
A
A
動 作 接 合 温 度 範 囲
Operating Junction Temperature Range
Tjw
−40∼+150
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
1.6
A
A
s
n
o
it
i
d
n
o
C
m
e
t
I
Peak Reverse Current
Tj=25℃, VRM=65V
Thermal Resistance
接 合 部 ・ 周 囲 間
Junction to Ambient
*(アルミナ基板実装)
Min.
Typ.
Max.
300
108
Symbol
IRM
Rth(j-a)
Peak Forward Voltage
VFM
Tj=25℃, IFM=3A
0.61
Unit
V
℃/W
Rth(j-l)
接 合 部 ・ リ ー ド 間
Junction to Lead
23
℃/W
*アルミナ基板実装/Alumina Substrate mounted (Soldering Lands= 2 × 2 mm , Both Sides)
Tl=92℃
V =30V
RM
Ta=26℃
V =30V
RM
μA


Numéro de pièce similaire - EC30QSA065

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
EC30QSA065 KSS-EC30QSA065 Datasheet
1Mb / 7P
Schottky Barrier Diode
logo
National Instruments Co...
EC30QSA065_2015 NI-EC30QSA065_2015 Datasheet
406Kb / 1P
SBD
More results

Description similaire - EC30QSA065

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
EP05Q03L ETC-EP05Q03L Datasheet
28Kb / 2P
SBD
21DQ03 ETC-21DQ03 Datasheet
24Kb / 2P
SBD
logo
Nihon Inter Electronics...
ESL03B03 NIEC-ESL03B03 Datasheet
144Kb / 1P
SBD
FCH08A15 NIEC-FCH08A15 Datasheet
148Kb / 1P
SBD
FCH20U10 NIEC-FCH20U10 Datasheet
302Kb / 1P
SBD
FCH30U06 NIEC-FCH30U06 Datasheet
585Kb / 1P
SBD
logo
National Instruments Co...
GSH10A10B NI-GSH10A10B_15 Datasheet
131Kb / 1P
SBD
GSQ05A03L NI-GSQ05A03L_15 Datasheet
116Kb / 1P
SBD
GSQ05A04B NI-GSQ05A04B_15 Datasheet
131Kb / 1P
SBD
KCH30A04 NI-KCH30A04_15 Datasheet
149Kb / 1P
SBD
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com