Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD2943 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce SD2943
Description  HF/VHF/UHF RF power N-channel MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2943 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button SD2943 Datasheet HTML 7Page - STMicroelectronics SD2943 Datasheet HTML 8Page - STMicroelectronics SD2943 Datasheet HTML 9Page - STMicroelectronics SD2943 Datasheet HTML 10Page - STMicroelectronics SD2943 Datasheet HTML 11Page - STMicroelectronics SD2943 Datasheet HTML 12Page - STMicroelectronics SD2943 Datasheet HTML 13Page - STMicroelectronics SD2943 Datasheet HTML 14Page - STMicroelectronics SD2943 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SD2943
Marking, packing and shipping specifications
Doc ID 11584 Rev 3
13/15
7
Marking, packing and shipping specifications
Figure 17.
Marking layout
Table 10.
Packing and shipping specifications
Order code
Packaging
Pcs per
tray
Dry pack
humidity
GFS code
Lot code
SD2943W
Plastic tray
25
< 10 %
Not mixed
Not mixed
Table 11.
Marking specifications
Symbol
Description
W
Wafer process code
X
GFS sort
CZ
Assy plant
xxx
Last 3 digit of diffusion lot
VY
Diffusion plant
MAR
Country of origin
CZ
Test and finishing plant
y
Assy year
yy
Assy week
SD2943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15