| Moteur de recherche de fiches techniques de composants électroniques |
|
SCA3000 Fiches technique(PDF) 22 Page - VTI technologies |
|
|
|||||||||||||||||||||||||||||
SCA3000 Fiches technique(HTML) 22 Page - VTI technologies |
|
22 / 43 page ![]() SCA3000 Series VTI Technologies Oy 22/ 43 www.vti.fi Doc.Nr. 8257300A.07 Rev.A.07 Table 11. Bit level description for motion detector typical threshold levels (SCA3000-D01 and SCA3000-D02). Typical bit weights Bit number B7 B6 B5 B4 B3 B2 B1 B0 SCA3000-D01, -D02 Acceleration [mg] MD_X_TH, MD_TH_Z x x 1300 650 350 200 100 50 SCA3000-D01, -D02 Acceleration [mg] MD_Y_TH x 1750 850 450 250 150 100 50 x = not used bit Table 12. Bit level description for motion detector typical threshold levels (SCA3000-E01 and SCA3000-E02). Typical bit weights Bit number B7 B6 B5 B4 B3 B2 B1 B0 SCA3000-E01, -E02 Acceleration [mg] MD_X_TH, MD_TH_Z x x 2050 1050 550 300 150 100 SCA3000-E01, -E02 Acceleration [mg] MD_Y_TH x 2700 1350 700 350 200 100 50 x = not used bit Table 13. Bit level description for motion detector typical threshold levels (SCA3000-E04). Typical bit weights Bit number B7 B6 B5 B4 B3 B2 B1 B0 SCA3000-E04 Acceleration [mg] MD_X_TH, MD_TH_Z x x 4100 2100 1100 600 300 200 SCA3000-E04 Acceleration [mg] MD_Y_TH x 5400 2700 1400 700 400 200 100 x = not used bit Table 14. Bit level description for motion detector typical threshold levels (SCA3000-E05). Typical bit weights Bit number B7 B6 B5 B4 B3 B2 B1 B0 SCA3000-E05 Acceleration [mg] MD_X_TH, MD_TH_Z x x 11900 6100 3200 1700 900 600 SCA3000-E05 Acceleration [mg] MD_Y_TH x 15600 7800 4100 2000 1200 600 300 x = not used bit |