Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MICRF219A Fiches technique(PDF) 15 Page - Micrel Semiconductor

No de pièce MICRF219A
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219A Fiches technique(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF219A Datasheet HTML 11Page - Micrel Semiconductor MICRF219A Datasheet HTML 12Page - Micrel Semiconductor MICRF219A Datasheet HTML 13Page - Micrel Semiconductor MICRF219A Datasheet HTML 14Page - Micrel Semiconductor MICRF219A Datasheet HTML 15Page - Micrel Semiconductor MICRF219A Datasheet HTML 16Page - Micrel Semiconductor MICRF219A Datasheet HTML 17Page - Micrel Semiconductor MICRF219A Datasheet HTML 18Page - Micrel Semiconductor MICRF219A Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
15
M9999-071811-A
RadioTech@micrel.com
Serial Interface Register Loading Examples
See Figures 9 to 11. (Channel 1 is the DO pin, and
channel 2 is the SCLK pin).
Figure 9. All Bits D19 through D0 = 0
Figure 10. All Bits D19 through D0 = 1
Figure 11. D[19:18] = 11, D[17:0] = All 0s
or (408) 944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23