| Moteur de recherche de fiches techniques de composants électroniques |
|
STUB030 Fiches technique(PDF) 3 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
STUB030 Fiches technique(HTML) 3 Page - EIC discrete Semiconductors |
|
3 / 4 page ![]() ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It Working Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Temperature TYPE Voltage @ VRWM Current Voltage @ IRSM Co-efficient VBR (V) It VRWM IR IRSM VRSM of V BR Min. Max. (mA) (V) (µA) (A) (V) (% / °C) STUB562 58.9 65.1 1.0 53.0 5.0 4.7 85.0 0.104 STUB068 64.6 74.8 1.0 58.1 5.0 4.3 92.0 0.104 STUB568 64.6 71.4 1.0 58.1 5.0 4.3 92.0 0.104 STUB075 71.3 82.5 1.0 64.1 5.0 3.9 103 0.105 STUB575 71.3 78.8 1.0 64.1 5.0 3.9 103 0.105 STUB082 77.9 90.2 1.0 70.1 5.0 3.5 113 0.105 STUB582 77.9 86.1 1.0 70.1 5.0 3.5 113 0.105 STUB091 86.5 100 1.0 77.8 5.0 3.2 125 0.106 STUB591 86.5 95.5 1.0 77.8 5.0 3.2 125 0.106 STUB0B0 95.0 110 1.0 85.5 5.0 2.9 137 0.106 STUB5B0 95.0 105 1.0 85.5 5.0 2.9 137 0.106 STUB0B1 105 121 1.0 94.0 5.0 2.6 152 0.107 STUB5B1 105 116 1.0 94.0 5.0 2.6 152 0.107 STUB0B2 114 132 1.0 102 5.0 2.4 165 0.107 STUB5B2 114 126 1.0 102 5.0 2.4 165 0.107 STUB0B3 124 143 1.0 111 5.0 2.2 179 0.107 STUB5B3 124 137 1.0 111 5.0 2.2 179 0.107 STUB0B5 143 165 1.0 128 5.0 2.0 207 0.108 STUB5B5 143 158 1.0 128 5.0 2.0 207 0.108 STUB0B6 152 176 1.0 136 5.0 1.8 219 0.108 STUB5B6 152 168 1.0 136 5.0 1.8 219 0.108 STUB0B7 161 187 1.0 145 5.0 1.7 234 0.108 STUB5B7 161 179 1.0 145 5.0 1.7 234 0.108 STUB0B8 171 198 1.0 154 5.0 1.6 246 0.108 STUB5B8 171 189 1.0 154 5.0 1.6 246 0.108 STUB0D0 190 220 1.0 171 5.0 1.5 274 0.108 STUB5D0 190 210 1.0 171 5.0 1.5 274 0.108 STUB0D2 209 242 1.0 188 5.0 1.4 301 0.108 STUB5D2 209 231 1.0 188 5.0 1.4 301 0.108 STUB0D5 237 275 1.0 213 5.0 1.3 344 0.110 STUB5D5 237 263 1.0 213 5.0 1.3 344 0.110 STUB0D8 266 308 1.0 239 5.0 1.3 384 0.110 STUB5D8 266 294 1.0 239 5.0 1.3 384 0.110 STUB0E0 285 330 1.0 256 5.0 1.2 414 0.110 STUB5E0 285 315 1.0 256 5.0 1.2 414 0.110 STUB0E2 304 352 1.0 273 5.0 1.2 438 0.110 STUB5E2 304 336 1.0 273 5.0 1.2 438 0.110 STUB0E5 332 385 1.0 299 5.0 0.9 482 0.110 STUB5E5 332 368 1.0 299 5.0 0.9 482 0.110 STUB0G0 380 440 1.0 342 5.0 0.9 548 0.110 STUB5G0 380 420 1.0 342 5.0 0.9 548 0.110 STUB0G4 418 484 1.0 376 5.0 0.8 603 0.110 STUB5G4 418 462 1.0 376 5.0 0.8 603 0.110 Note: ( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent. ( 2 ) VF = 3.5 Vmax., IF = 25 Amps. ( 6.8 Volts thru 110 Volts ) VF = 5.0 Vmax., IF = 25 Amps. ( 120 Volts thru 440 Volts ) per 1/2 square or equivalent sine wave. PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. ( 3 ) "STU" or "STB" will be omitted in marking on the diode. |