| Moteur de recherche de fiches techniques de composants électroniques |
|
STUP520 Fiches technique(PDF) 2 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
STUP520 Fiches technique(HTML) 2 Page - EIC discrete Semiconductors |
|
2 / 4 page ![]() ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It Working Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Temperature TYPE Voltage @ VRWM Current Voltage @ IRSM Co-efficient VBR (V) It VRWM IR IRSM VRSM of V BR Min. Max. (mA) (V) ( µA) (A) (V) (% / °C) STUP06I 6.12 7.48 10 5.50 1000 38.0 10.8 0.057 STUP56I 6.45 7.14 10 5.80 1000 40.0 10.5 0.057 STUP07F 6.75 8.25 10 6.05 500 36.0 11.7 0.061 STUP57F 7.13 7.88 10 6.40 500 37.0 11.3 0.061 STUP08C 7.38 9.02 10 6.63 200 33.0 12.5 0.065 STUP58C 7.79 8.61 10 7.02 200 35.0 12.1 0.065 STUP09B 8.19 10.0 1.0 7.37 50 30.0 13.8 0.068 STUP59B 8.65 9.55 1.0 7.78 50 31.0 13.4 0.068 STUP010 9.00 11.0 1.0 8.10 10 28.0 15.0 0.073 STUP510 9.50 10.5 1.0 8.55 10 29.0 14.5 0.073 STUP011 9.90 12.1 1.0 8.92 5.0 26.0 16.2 0.075 STUP511 10.5 11.6 1.0 9.40 5.0 27.0 15.6 0.075 STUP012 10.8 13.2 1.0 9.72 5.0 24.0 17.3 0.078 STUP512 11.4 12.6 1.0 10.2 5.0 25.0 16.7 0.078 STUP013 11.7 14.3 1.0 10.5 5.0 22.0 19.0 0.081 STUP513 12.4 13.7 1.0 11.1 5.0 23.0 18.2 0.081 STUP015 13.5 16.5 1.0 12.1 5.0 19.0 22.0 0.084 STUP515 14.3 15.8 1.0 12.8 5.0 20.0 21.2 0.084 STUP016 14.4 17.6 1.0 12.9 5.0 18.0 23.5 0.086 STUP516 15.2 16.8 1.0 13.6 5.0 19.0 22.5 0.086 STUP018 16.2 19.8 1.0 14.5 5.0 16.0 26.5 0.088 STUP518 17.1 18.9 1.0 15.3 5.0 17.0 25.5 0.088 STUP020 18.0 22.0 1.0 16.2 5.0 14.0 29.1 0.090 STUP520 19.0 21.0 1.0 17.1 5.0 15.0 27.7 0.090 STUP022 19.8 24.2 1.0 17.8 5.0 13.0 31.9 0.092 STUP522 20.9 23.1 1.0 18.8 5.0 14.0 30.6 0.092 STUP024 21.6 26.4 1.0 19.4 5.0 12.0 34.7 0.094 STUP524 22.8 25.2 1.0 20.5 5.0 13.0 33.2 0.094 STUP027 24.3 29.7 1.0 21.8 5.0 11.0 39.1 0.096 STUP527 25.7 28.4 1.0 23.1 5.0 11.2 37.5 0.096 STUP030 27.0 33.0 1.0 24.3 5.0 10.0 43.5 0.097 STUP530 28.5 31.5 1.0 25.6 5.0 10.0 41.4 0.097 STUP033 29.7 36.3 1.0 26.8 5.0 9.0 47.7 0.098 STUP533 31.4 34.7 1.0 28.2 5.0 9.0 45.7 0.098 STUP036 32.4 39.6 1.0 29.1 5.0 8.0 52.0 0.099 STUP536 34.2 37.8 1.0 30.8 5.0 8.4 49.9 0.099 STUP039 35.1 42.9 1.0 31.6 5.0 7.4 56.4 0.100 STUP539 37.1 41.0 1.0 33.3 5.0 7.8 53.9 0.100 STUP043 38.7 47.3 1.0 34.8 5.0 6.8 61.9 0.101 STUP543 40.9 45.2 1.0 36.8 5.0 7.1 59.3 0.101 STUP047 42.3 51.7 1.0 38.1 5.0 6.2 67.8 0.101 STUP547 44.7 49.4 1.0 40.2 5.0 6.5 64.8 0.101 STUP051 45.9 56.1 1.0 41.3 5.0 5.7 73.5 0.102 STUP551 48.5 53.6 1.0 43.6 5.0 6.0 70.1 0.102 STUP056 50.4 61.6 1.0 45.4 5.0 5.2 80.5 0.103 STUP556 53.2 58.8 1.0 47.8 5.0 5.5 77.0 0.103 STUP062 55.8 68.2 1.0 50.2 5.0 4.7 89.0 0.104 |