Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MABA-008184-CT1760 Fiches technique(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No de pièce MABA-008184-CT1760
Description  1:1 Transformer with tap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-008184-CT1760 Fiches technique(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABA-008184-CT1760 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-008184-CT1760 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-008184-CT1760 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1:1 Transformer with tap
50-870MHz
MABA-008184-CT1760
V1
2
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Power Level = 0dBm, Z0 = 75Ω
1
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss Pin 1 - 2
(Coupled)
50 MHz
870 MHz
dB
dB
-
-
0.43
0.23
0.83
0.43
Insertion Loss Pin 1 - 3
(Thru)
50 MHz
870 MHz
dB
dB
-
-
0.23
0.73
0.43
1.3
Amplitude Imbalance
50 MHz
870 MHz
dB
dB
-0.6
-0.73
0.2
0.4
0.6
0.73
Phase Imbalance
50 - 870 MHz
º
-3.23
1.2
3.23
Input Return Loss Pin 4
50 - 870 MHz
dB
18
22
-
Recommended PCB Configuration
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
RF Power
250mW
DC current
30mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com