| Moteur de recherche de fiches techniques de composants électroniques |
|
ECOS2TB151DA Fiches technique(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOS2TB151DA Fiches technique(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 10 page ![]() Panasonic Industrial Company Aluminum Electrolytic Capacitors 15 Design and specifications are subject to change without notice. Contact the factory or your sales representative for technical specifications before purchase and/or use. When safety concerns arise, please contact Panasonic immediately for technical consultation. TS-UP Standard Ratings Cap. (µF) 120Hz 10kHz~ 120Hz 20kHz 4700 22 x 20 1.60 1.84 0.159 0.135 22 x 25 1.77 2.04 0.159 0.135 6800 22 x 25 2.57 2.96 0.110 0.093 25 x 20 1.80 2.07 0.110 0.093 8200 22 x 25 3.10 3.57 0.091 0.077 10000 22 x 30 3.78 4.35 0.075 0.063 25 x 25 3.78 4.35 0.075 0.063 30 x 20 2.40 2.76 0.083 0.070 12000 22 x 30 4.52 5.20 0.062 0.053 25 x 25 4.52 5.20 0.062 0.053 15000 22 x 35 5.26 6.05 0.053 0.045 25 x 30 5.26 6.05 0.053 0.045 35 x 20 3.20 3.68 0.055 0.047 18000 22 x 40 5.57 6.41 0.046 0.039 25 x 30 5.57 6.41 0.046 0.039 22000 22 x 45 6.10 7.02 0.038 0.032 25 x 35 6.10 7.02 0.038 0.032 30 x 30 6.10 7.02 0.038 0.032 27000 25 x 45 6.31 7.26 0.031 0.026 30 x 35 6.31 7.26 0.031 0.026 33000 25 x 50 6.84 7.87 0.025 0.021 30 x 40 6.84 7.87 0.025 0.021 35 x 30 6.84 7.87 0.025 0.021 39000 30 x 45 6.94 7.98 0.021 0.018 35 x 35 6.94 7.98 0.021 0.018 47000 30 x 50 7.47 8.59 0.019 0.017 35 x 40 7.47 8.59 0.021 0.019 56000 35 x 45 8.73 10.04 0.019 0.018 68000 35 x 50 9.05 10.41 0.018 0.017 3300 22 x 20 1.60 1.84 0.176 0.141 22 x 25 1.68 1.93 0.161 0.129 4700 22 x 25 2.39 2.75 0.113 0.090 25 x 20 1.80 2.07 0.123 0.099 5600 22 x 25 2.86 3.29 0.095 0.076 6800 22 x 30 3.47 3.99 0.078 0.062 25 x 25 3.47 3.99 0.078 0.062 30 x 20 2.30 2.65 0.078 0.062 8200 22 x 30 3.57 4.11 0.065 0.052 25 x 25 3.57 4.11 0.065 0.052 10000 22 x 35 3.78 4.35 0.058 0.046 25 x 30 3.78 4.35 0.058 0.046 30 x 25 3.78 4.35 0.058 0.046 35 x 20 2.70 3.11 0.061 0.049 12000 22 x 40 4.10 4.72 0.048 0.039 25 x 35 4.10 4.72 0.048 0.039 30 x 30 4.10 4.72 0.048 0.039 15000 22 x 50 4.63 5.32 0.039 0.031 25 x 40 4.63 5.32 0.039 0.031 30 x 30 4.63 5.32 0.039 0.031 18000 25 x 45 5.47 6.29 0.035 0.028 30 x 35 5.47 6.29 0.035 0.028 22000 25 x 50 6.10 7.02 0.029 0.023 30 x 40 6.10 7.02 0.029 0.023 27000 30 x 45 6.21 7.14 0.023 0.019 35 x 35 6.21 7.14 0.025 0.020 33000 30 x 50 6.84 7.87 0.020 0.017 35 x 40 6.84 7.87 0.020 0.017 39000 35 x 45 7.36 8.46 0.019 0.017 47000 35 x 50 8.00 9.20 0.017 0.015 2200 22 x 20 1.40 1.61 0.181 0.136 22 x 25 1.52 1.75 0.166 0.124 ECEC1VP222BA ECEC1CP273DA ECEC1CP683EA ECEC1CP563EA ECEC1CP473EA ECEC1CP333EA ECEC1CP333DA ECEC1CP333CA ECEC1EP153DA ECEC1CP273CA ECEC1CP223DA ECEC1CP223CA ECEC1EP472CL ECEC1EP562BA ECEC1EP682BA ECEC1EP682CA ECEC1EP332BL ECEC1EP332BA ECOS1EP472BA ECOS1EP472CL 6.3mm Length Terminal Panasonic Part Number (By Terminal Length) 4.0mm Length Terminal Size (mm) D x L 20°C ESR ( , max.) Part numbers shown with 2 pins Max 85°C R.C. (Arms) ECEC1CP153BA ECEC1CP822BA ECEC1CP103BA ECOS1CP682CL ECOS1CP682BA ECOS1CP822BA ECOS1CP103BA ECOS1CP472BL ECOS1CP472BA 16 VDC Working, 20 VDC Surge ECOS1CP223CA ECOS1CP223DA ECEC1CP472BL ECEC1CP472BA ECEC1CP682BA ECEC1CP682CL ECEC1CP123BA ECEC1EP473EA ECEC1EP273EA ECEC1EP333DA ECEC1EP333EA ECEC1VP222BL ECEC1EP393EA ECOS1EP183CA ECOS1CP273CA ECOS1EP682BA 25 VDC Working, 32 VDC Surge ECEC1CP473DA ECEC1CP393EA ECOS1CP393EA ECOS1CP393DA ECOS1CP273DA ECOS1CP333EA ECEC1EP223CA ECOS1EP103EL ECEC1EP183DA ECEC1EP273DA ECOS1EP183DA ECOS1EP123CA ECOS1EP123DA ECOS1EP153BA ECEC1EP153BA ECEC1EP153CA ECOS1EP562BA ECEC1EP223DA ECOS1EP153DA ECOS1EP682DL ECOS1EP822BA ECOS1EP822CA ECEC1EP183CA ECEC1EP682DL 35 VDC Working, 44 VDC Surge ECEC1CP103CA ECEC1CP103DL ECEC1CP153EL ECOS1CP153CA ECOS1CP103CA ECOS1CP103DL ECOS1CP123BA ECOS1CP153BA ECEC1CP153CA ECEC1CP183BA ECEC1CP183CA ECEC1CP123CA ECOS1CP223BA ECOS1CP123CA ECOS1CP153EL ECOS1CP183BA ECOS1CP183CA ECEC1CP223BA ECOS1CP683EA ECOS1CP563EA ECOS1CP473EA ECOS1CP473DA ECOS1EP473EA ECOS1EP393EA ECOS1EP223CA ECOS1EP223DA ECOS1EP273DA ECOS1EP273EA ECOS1EP333DA ECOS1EP333EA ECOS1VP222BL ECOS1VP222BA ECEC1EP103EL ECEC1EP103DA ECOS1EP103BA ECOS1CP333CA ECOS1CP333DA ECEC1EP822BA ECEC1EP822CA ECOS1EP332BL ECOS1EP332BA ECOS1EP682CA ECEC1CP393DA ECEC1EP123CA ECEC1EP123DA ECEC1EP472BA ECOS1EP153CA ECOS1EP123BA ECEC1EP123BA ECEC1EP103BA ECOS1EP103CA ECOS1EP103DA ECEC1EP103CA |