Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNESD05C Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SNESD05C
Description  Plastic Encapsulate ESD Protection Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SNESD05C Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SNESD05C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SNESD05C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SNESD05C
Plastic Encapsulate ESD Protection Diodes
13-Sep-2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
DESCRIPTION
The SNESD05C is a transient voltage suppressors (TVS)
Which provide a very high level protection for sensitive
electronic components that may be subjected to electrostatic
discharge (ESD). It is designed to replace multiplayer
varistors (MLV) in consumer equipments applications such
as mobile phone, notebook, PAD, STB, LCD TV etc.
FEATURES
Stand-off voltage: 5V
Low leakage current
Ultra-low clamping voltage
IEC 61000−4−2 level 4 ESD protection
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
DFN0201
10K
7’ inch
MAXIMUM RATINGS (TA = 25°C )
PARAMETER
SYMBOL
VALUE
UNIT
Air
±30
Contact
±30
KV
Per Human Body Model
16
KV
Electrostatic Discharge Voltage( IEC61000−4−2)
1
Per Machine Model
VESD
400
V
Peak Pulse Power (8/20µs Waveform)
2
PPP
62.5
W
Peak Pulse Current (8/20µs Waveform)
2
IPP
5
A
Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Lead Solder Temperature – Maximum (10 Second Duration)
TL
260
°C
Note:
1.Device stressed with ten non-repetitive ESD pulses.
2.Non-repetitive current pulse 8/20us exponential decay waveform according to IEC61000-4-5.
Stresses exceeding maximum ratings may damage the device. Maximum ratings are stress ratings only. Functional operation above
the recommended. Operating conditions is not implied. Extended exposure to stresses above the recommended operating conditions
may affect device reliability.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DFN0201
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.57
0.67
F
0.20
0.30
B
0.27
0.37
G
0.33
0.40
C
0.20
0.30
H
0.27
0.34
D
0.15REF.
I
0.20
0.30
E
0.10
0.20
H
TOP VIEW


Numéro de pièce similaire - SNESD05C

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SNESD05C SECOS-SNESD05C_15 Datasheet
129Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C_16 Datasheet
184Kb / 3P
Plastic Encapsulate ESD Protection Diodes
More results

Description similaire - SNESD05C

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
STESD03 SECOS-STESD03 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD07 SECOS-STESD07 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD07 SECOS-STESD07_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12-C SECOS-STESD12-C Datasheet
118Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05C-C SECOS-STESD05C-C Datasheet
100Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05-C SECOS-STESD05-C Datasheet
226Kb / 3P
Plastic Encapsulate ESD Protection Diodes
STESD03-C SECOS-STESD03-C Datasheet
102Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C_16 Datasheet
184Kb / 3P
Plastic Encapsulate ESD Protection Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com