Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS8701 Fiches technique(PDF) 5 Page - California Eastern Labs

No de pièce PS8701
Description  HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

PS8701 Fiches technique(HTML) 5 Page - California Eastern Labs

  PS8701 Datasheet HTML 1Page - California Eastern Labs PS8701 Datasheet HTML 2Page - California Eastern Labs PS8701 Datasheet HTML 3Page - California Eastern Labs PS8701 Datasheet HTML 4Page - California Eastern Labs PS8701 Datasheet HTML 5Page - California Eastern Labs PS8701 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PS8701
TAPING SPECIFICATIONS (Units in mm)
OUTLINE AND DIMENSIONS (REEL)
Notes:
1. Packing : PS8701-E3, E4 900 pcs/reel
PS8701-F3, F4 3500 pcs/reel
OUTLINE AND DIMENSIONS (TAPE)
TAPE DIRECTION
PS8701-E3
PS8701-F3
PS8701-E4
PS8701-F4
2.0
± 0.1
4.0
± 0.1
1.55
± 0.1
1.55
± 0.1
8.0
± 0.1
4.6
± 0.1
2.4
± 0.1
0.3
5.5
± 0.1
7.4
± 0.1
1.75
± 0.1
12.0
± 0.2
2.0
± 0.5
1.5
± 0.5
12.4
+2.0
-0.0
φ21.0 ± 0.8
6.0
± 1
120
°
60°
18.4 MAX
1.5
± 0.1
1.5
± 0.1



Html Pages

1 2 3 4 5 6