Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS3691NE Fiches technique(PDF) 36 Page - Dynex Semiconductor

No de pièce MAS3691NE
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3691NE Fiches technique(HTML) 36 Page - Dynex Semiconductor

Back Button MAS3691NE Datasheet HTML 32Page - Dynex Semiconductor MAS3691NE Datasheet HTML 33Page - Dynex Semiconductor MAS3691NE Datasheet HTML 34Page - Dynex Semiconductor MAS3691NE Datasheet HTML 35Page - Dynex Semiconductor MAS3691NE Datasheet HTML 36Page - Dynex Semiconductor MAS3691NE Datasheet HTML 37Page - Dynex Semiconductor MAS3691NE Datasheet HTML 38Page - Dynex Semiconductor MAS3691NE Datasheet HTML 39Page - Dynex Semiconductor MAS3691NE Datasheet HTML 40Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
MA3690/1/3
36/41
Figure 42c: 48-Lead Ceramic DIL (solder seal) - Package Style C
TRANSCEIVER CHIP (MA3693)
(For applications that require access to Terminal Flag)
See Note -
Note: The MA3693 has Terminal Flag (TFN) latched signal OUTPUT on pin 13 (TTL).
This replaces the RT1 signal INPUT that is used on the MA3690 standard version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41