Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS3691FE Fiches technique(PDF) 21 Page - Dynex Semiconductor

No de pièce MAS3691FE
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3691FE Fiches technique(HTML) 21 Page - Dynex Semiconductor

Back Button MAS3691FE Datasheet HTML 17Page - Dynex Semiconductor MAS3691FE Datasheet HTML 18Page - Dynex Semiconductor MAS3691FE Datasheet HTML 19Page - Dynex Semiconductor MAS3691FE Datasheet HTML 20Page - Dynex Semiconductor MAS3691FE Datasheet HTML 21Page - Dynex Semiconductor MAS3691FE Datasheet HTML 22Page - Dynex Semiconductor MAS3691FE Datasheet HTML 23Page - Dynex Semiconductor MAS3691FE Datasheet HTML 24Page - Dynex Semiconductor MAS3691FE Datasheet HTML 25Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
MA3690/1/3
21/41
Figure 17: Minimum No Response Timeout
This value is programmable using the RT0/RT1 inputs
Figure 19: Start of Transmission Detect
Note: Detection is sync + 3 data bits
Figure 18: Abort
This sequence will also occur at the end of each message unless a new message is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41