Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APSDM004GD5AN-PTWC Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce APSDM004GD5AN-PTWC
Description  SATA-Disk Module 4
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GD5AN-PTWC Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button APSDM004GD5AN-PTWC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTWC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTWC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTWC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTWC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTWC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTWC Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTWC Datasheet HTML 14Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTWC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-PXXX
10
© 2013 Apacer Technology Inc.
Rev. 1.3
5.6 TRIM
TRIM, though in capital letters usually, is a memory computation command rather than an abbreviation. It
is mainly a SATA command that enables the operating system to inform the SSD (Solid State Drive)
which blocks of previously stored data are no longer valid, due to erases by the host or operating system,
such as file deletions or disk formatting. Once notified, SSD will begin the discard of the invalid LBAs and
retain more space for itself, in fact, the discarded is no longer recoverable.
When an LBA is replaced by the operating system, as with overwrite of a file, the SSD is informed that the
originally occupied LBA is determined as no longer in use or invalid. The SSD will not save those blocks
in garbage collected sectors. Noticeably, a file deletion command by host or operating system never
actually erases the actual content, rather, just the file is marked as deleted. This issue is even specifically
noticeable for flash based memory devices, such as SSDs. In fact, an SSD will keep garbage collecting
the invalid, previously occupied LBAs, if it is not informed that these LBAs can be erased. Thus, the SSD
would experience a significant performance downfall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22