Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APSDM004GD5AN-PTW Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce APSDM004GD5AN-PTW
Description  SATA-Disk Module 4
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GD5AN-PTW Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  APSDM004GD5AN-PTW Datasheet HTML 1Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTW Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTW Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTW Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTW Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTW Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTW Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTW Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM004GD5AN-PTW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-PXXX
1
© 2013 Apacer Technology Inc.
Rev. 1.3
Features:
Standard Serial ATA Revision 2.6
–
Serial ATA Revision 2.6
–
SATA 3.0 Gbps
–
ATA-compatible command set
Capacities
–
1, 2, 4, 8, 16 GB
Performance*
–
Burst read/write: 300 MB/sec
–
Sustained read: up to 43 MB/sec
–
Sustained write: up to 42 MB/sec
Intelligent endurance design
–
Built-in hardware ECC, enabling up to
16/24 bit correction per 1K bytes
–
Static wear-leveling scheme together
with dynamical block allocation to
significantly increase the lifetime of a
flash device and optimize the disk
performance
–
Flash bad-block management
–
S.M.A.R.T.
–
Power Failure Management
–
ATA Secure Erase
–
TRIM
NAND Flash Type: SLC
MTBF: >2,000,000 hours
Temperature ranges
–
Operation:
Standard: 0°C to 70°C
Extended: -40 ~ +85°C
–
Storage: -40°C to 100°C
Supply voltage
–
5.0 V
± 5%
Power consumption (typical)*
–
Active mode: 190 mA@5.0 V
–
Idle mode: 85 mA@5.0 V
Connector type
–
7-pin signal connector
–
Option : additional 2-pin power connector
Form factor
–
SATA Disk Module
–
Dimension w/housing: 32.50x23.13x8.53**,
unit: mm
–
Dimension w/o housing:
30.00x20.00x1.00**, unit: mm
Shock & Vibration***
–
Shock: 1500 G
–
Vibration: 15 G
RoHS compliant
*Varies from capacities. The values for performances and power consumptions presented are typical and may vary depending on
flash configurations or platform settings. The term idle refers to the standby state of the device.
**Without including the size of the SATA connector.
***Non-operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22