| Moteur de recherche de fiches techniques de composants électroniques |
|
AP-CF064GR7FS-RM Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AP-CF064GR7FS-RM Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 20 page ![]() Compact Flash 5 series AP-CFxxxxRXXS-XXXXXXA 4 © 2013 Apacer Technology Inc. Rev. 1.2 1.1.5 Power Failure Management Power Failure Management plays a crucial role when experiencing unstable power supply. Power disruption may occur when users are storing data into the SSD. In this urgent situation, the controller would run multiple write-to-flash cycles to store the metadata for later block rebuilding. This urgent operation requires about several milliseconds to get it done. At the next power up, the firmware will perform a status tracking to retrieve the mapping table and resume previously programmed NAND blocks to check if there is any incompleteness of transmission 2. Functional Block The CompactFlash Card (CFC) includes a controller and flash media, as well as the CompactFlash standard interface. Figure 2-1 shows the functional block diagram. Figure 2-1: Functional block diagram |