Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP-CF016GR9FS-RM Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce AP-CF016GR9FS-RM
Description  CompactFlash Series 5 Specifications for Industrial CompactFlash Card
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF016GR9FS-RM Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  AP-CF016GR9FS-RM Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF016GR9FS-RM Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF016GR9FS-RM Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF016GR9FS-RM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF016GR9FS-RM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF016GR9FS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF016GR9FS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF016GR9FS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF016GR9FS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Compact Flash 5 series
AP-CFxxxxRXXS-XXXXXXA
4
© 2013 Apacer Technology Inc.
Rev. 1.2
1.1.5 Power Failure Management
Power Failure Management plays a crucial role when experiencing unstable power supply. Power
disruption may occur when users are storing data into the SSD. In this urgent situation, the controller
would run multiple write-to-flash cycles to store the metadata for later block rebuilding. This urgent
operation requires about several milliseconds to get it done. At the next power up, the firmware will
perform a status tracking to retrieve the mapping table and resume previously programmed NAND blocks
to check if there is any incompleteness of transmission
2. Functional Block
The CompactFlash Card (CFC) includes a controller and flash media, as well as the CompactFlash
standard interface. Figure 2-1 shows the functional block diagram.
Figure 2-1: Functional block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20