Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP-CF016GK7FS-RM Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce AP-CF016GK7FS-RM
Description  Value Added CompactFlash Series5
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF016GK7FS-RM Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-CF016GK7FS-RM Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF016GK7FS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Compact Flash 5 series
AP-CFxxxxK7XS-XXXXXX
Features:
CompactFlash Association Specification
Revision 4.1 Standard Interface
–
512 bytes per sector
–
ATA command set compatible
–
ATA transfer mode supports:
PIO Mode 6
Multiword DMA Mode 4
Ultra DMA Mode 6
PCMCIA UDMA Mode 6
Capacities
–
Standard:
128, 256, 512 MB
1, 2, 4 GB
–
High Speed:
256, 512 MB
1, 2, 4, 8, 16 GB
Standard read/write performance
–
Sustained read: Up to 29 MB/sec
–
Sustained write: Up to 20 MB/sec
High-speed read/write performance
–
Sustained read: Up to 50 MB/sec
–
Sustained Write: Up to 30 MB/sec
Intelligent ATA/IDE module
–
Embedded Flash File System (FFS)
–
Wear-leveling algorithms to substantially
increase longevity of flash media
–
Built-in BCH ECC capable of correcting
up to 24 bits in 1,024 byte data
–
Supports S.M.A.R.T commands
NAND Flash Type: SLC
Power Management Unit
–
Immediate disabling of unused circuitry
without host intervention
–
Zero wake-up latency
Power Smart Design
–
Automatic sleep and wake-up mechanism
to save power
–
Built-in 1.8V Power-On-Reset
–
Built-in 2.6V Voltage detector for power
fail protection
–
Supports on-chip and external voltage
regulator
Temperature ranges
–
0°C to 70°C for operation (Standard)
–
-40°C to 85°C for operation (ET*)
–
-40°C to 100°C for storage
Operating voltage for read and write
–
3.3 V
–
5.0 V
Power consumption (typical)**
–
Active mode: 180 mA
–
Sleep mode: 6 mA
Connector Type
–
50 pins female
Write Protect by Hardware Switch
–
Write protect activated/deactivated by a
mechanical switch
Physical Dimensions
–
36.4mm x 42.8mm x 3.3mm
RoHS compliant
*Extended Temperature
**Power consumption may vary depending on capacities and the flash configuration.
1
© 2011 Apacer Technology Inc.
Rev. 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22