| Moteur de recherche de fiches techniques de composants électroniques |
|
AP-CF256MR9NS-RMA Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AP-CF256MR9NS-RMA Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 20 page ![]() Compact Flash 5 series AP-CFxxxxRXXS-XXXXXXA 5 © 2013 Apacer Technology Inc. Rev. 1.2 3. Pin Assignments Table 3-1 lists the pin assignments with respective signal names for the 50-pin configuration. A “#” suffix indicates the active low signal. The pin type can be input, output or input/output. Table 3-1: Pin assignments (1 of 2) Memory card mode I/O card mode True IDE mode Pin No. Signal name Pin I/O type Signal name Pin I/O type Signal name Pin I/O type 1 GND - GND - GND - 2 D3 I/O D3 I/O D3 I/O 3 D4 I/O D4 I/O D4 I/O 4 D5 I/O D5 I/O D5 I/O 5 D6 I/O D6 I/O D6 I/O 6 D7 I/O D7 I/O D7 I/O 7 #CE1 I #CE1 I #CS0 I 8 A10 I A10 I A10 1 I 9 #OE I #OE I #ATA SEL I 10 A9 I A9 I A9 1 I 11 A8 I A8 I A8 1 I 12 A7 I A7 I A7 1 I 13 VCC - VCC - VCC - 14 A6 I A6 I A6 1 I 15 A5 I A5 I A5 1 I 16 A4 I A4 I A4 1 I 17 A3 I A3 I A3 1 I 18 A2 I A2 I A2 I 19 A1 I A1 I A1 I 20 A0 I A0 I A0 I 21 D0 I/O D0 I/O D0 I/O 22 D1 I/O D1 I/O D1 I/O 23 D2 I/O D2 I/O D2 I/O 24 WP O #IOIS16 O #IOCS16 O 25 #CD2 O #CD2 O #CD2 O 26 #CD1 O #CD1 O #CD1 O 27 D11 I/O D11 I/O D11 I/O 28 D12 I/O D12 I/O D12 I/O 29 D13 I/O D13 I/O D13 I/O 30 D14 I/O D14 I/O D14 I/O 31 D15 I/O D15 I/O D15 I/O 32 #CE2 I #CE2 I #CS1 I 33 #VS1 O #VS1 O #VS1 O 34 #IORD I #IORD I #IORD I 35 #IOWR I #IOWR I #IOWR I 36 #WE I #WE I #WE I 37 RDY/-BSY O #IREQ O INTRQ O 38 VCC - VCC - VCC - 39 #CSEL I #CSEL I #CSEL I 40 #VS2 O #VS2 O #VS2 O 41 RESET I RESET I #RESET I |