Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4256BWP Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce 4256BWP
Description  256-Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4256BWP Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button 4256BWP Datasheet HTML 3Page - STMicroelectronics 4256BWP Datasheet HTML 4Page - STMicroelectronics 4256BWP Datasheet HTML 5Page - STMicroelectronics 4256BWP Datasheet HTML 6Page - STMicroelectronics 4256BWP Datasheet HTML 7Page - STMicroelectronics 4256BWP Datasheet HTML 8Page - STMicroelectronics 4256BWP Datasheet HTML 9Page - STMicroelectronics 4256BWP Datasheet HTML 10Page - STMicroelectronics 4256BWP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DocID6757 Rev 31
7/39
M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF
Description
38
Figure 2. 8-pin package connections, top view
1. DU: Don't Use (if connected, must be connected to VSS)
1. See Section 9: Package mechanical data for package dimensions, and how to identify pin 1.
Figure 3. WLCSP connections for the M24256-DFCS6TP/K
(top view, marking side, with balls on the underside)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39