Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST715 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce ST715
Description  High input voltage, 85 mA LDO linear regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button ST715 Datasheet HTML 10Page - STMicroelectronics ST715 Datasheet HTML 11Page - STMicroelectronics ST715 Datasheet HTML 12Page - STMicroelectronics ST715 Datasheet HTML 13Page - STMicroelectronics ST715 Datasheet HTML 14Page - STMicroelectronics ST715 Datasheet HTML 15Page - STMicroelectronics ST715 Datasheet HTML 16Page - STMicroelectronics ST715 Datasheet HTML 17Page - STMicroelectronics ST715 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Package mechanical data
ST715
14/24
DocID14414 Rev 9
Figure 17. SOT23-5L recommended footprint (dimensions in mm)
Table 8. SOT23-5L mechanical data
Dim.
mm
Min.
Typ.
Max.
A0.90
1.45
A1
0
0.15
A2
0.90
1.30
b0.30
0.50
c2.09
0.20
D2.95
E1.60
e0.95
H2.80
L0.30
0.60
θ
08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24