Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP02/260-12 Fiches technique(PDF) 4 Page - Dynex Semiconductor

No de pièce MP02/260-12
Description  Dual Diode Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02/260-12 Fiches technique(HTML) 4 Page - Dynex Semiconductor

  MP02/260-12 Datasheet HTML 1Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 2Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 3Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 4Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 5Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 6Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 7Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 8Page - Dynex Semiconductor MP02/260-12 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP02 XX 260 Series
4/9
CURVES
0
500
1000
1500
2000
2500
Instantaneous forward voltage I
F - (V)
T
j = 150˚C
0.5
1.0
1.5
2.0
0.001
0.010
0.100
1.0
10
100
Time - (s)
0
0.1
0.2
0.3
R
th(j-hs)
R
th(j-c)
Fig. 1 Maximum (limit) forward characteristics (Per diode)
Fig. 2 Transient thermal impedance (DC) - (Per diode)



Html Pages

1 2 3 4 5 6 7 8 9