| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS3690FL Fiches technique(PDF) 36 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
MAS3690FL Fiches technique(HTML) 36 Page - Dynex Semiconductor |
|
36 / 41 page ![]() MA3690/1/3 36/41 Figure 42c: 48-Lead Ceramic DIL (solder seal) - Package Style C TRANSCEIVER CHIP (MA3693) (For applications that require access to Terminal Flag) See Note - Note: The MA3693 has Terminal Flag (TFN) latched signal OUTPUT on pin 13 (TTL). This replaces the RT1 signal INPUT that is used on the MA3690 standard version. |