Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PJ744FS Fiches technique(PDF) 2 Page - Hammond Manufacturing Ltd.

No de pièce PJ744FS
Description  Bo챤tier pour boutons-poussoirs en polyester de type 4, 4X
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMMOND [Hammond Manufacturing Ltd.]
Site Internet  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PJ744FS Fiches technique(HTML) 2 Page - Hammond Manufacturing Ltd.

  PJ744FS Datasheet HTML 1Page - Hammond Manufacturing Ltd. PJ744FS Datasheet HTML 2Page - Hammond Manufacturing Ltd. PJ744FS Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pushbutton Series
Part No.
Overall Dimensions
Inside Dimensions
# of
Hole
A
B
C
D
E
F
J
K
L
M
Holes
Size
PJ744P1
6.74
3.93
3.88
6.01
3.26
3.63
5.99
3.18
4.88
2.94
1
30.5
PJ744P221
6.74
3.93
3.88
6.01
3.26
3.63
5.99
3.18
4.88
2.94
1
22.5
PJ744P2
6.74
3.93
3.88
6.01
3.26
3.63
5.99
3.18
4.88
2.94
2
30.5
PJ744P222
6.74
3.93
3.88
6.01
3.26
3.63
5.99
3.18
4.88
2.94
2
22.5
PJ944P3
8.99
3.93
3.88
8.26
3.26
3.63
8.24
3.18
7.13
2.94
3
30.5
PJ944P223
8.99
3.93
3.88
8.26
3.26
3.63
8.24
3.18
7.13
2.94
3
22.5
Solid Cover Series
Part No.
Mounting
Overall Dimensions
Inside Dimensions
Optional A luminum
Inner Panel
Feet
A
B
C
D
E
F
J
K
L
M
Inner Panel
Dimentions
PJ744
Yes
6.74
3.93
3.88
6.01 3.26 3.63 5.99 3.18 4.88 2.94
PJP74
4 x 3.13
PJ744FS
No
6.74
3.93
3.88
6.01 3.26 3.63 5.99 3.18 4.88 2.94
PJP74
4 x 3.13
PJ944
Yes
8.99
3.93
3.88
8.26 3.26 3.63 8.24 3.18 7.13 2.94
PJP94
6.25 x 3.13
PJ944FS
No
8.99
3.93
3.88
8.26 3.26 3.63 8.24 3.18 7.13 2.94
PJP94
6.25 x 3.13



Html Pages

1 2 3