Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS3690CL Fiches technique(PDF) 20 Page - Dynex Semiconductor

No de pièce MAS3690CL
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3690CL Fiches technique(HTML) 20 Page - Dynex Semiconductor

Back Button MAS3690CL Datasheet HTML 16Page - Dynex Semiconductor MAS3690CL Datasheet HTML 17Page - Dynex Semiconductor MAS3690CL Datasheet HTML 18Page - Dynex Semiconductor MAS3690CL Datasheet HTML 19Page - Dynex Semiconductor MAS3690CL Datasheet HTML 20Page - Dynex Semiconductor MAS3690CL Datasheet HTML 21Page - Dynex Semiconductor MAS3690CL Datasheet HTML 22Page - Dynex Semiconductor MAS3690CL Datasheet HTML 23Page - Dynex Semiconductor MAS3690CL Datasheet HTML 24Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
MA3690/1/3
20/41
Figure 15: Power Up Clear Initialisation
Note: If the first command to the RT
following power up is to be TLSW
then initialisation should be via PUC.
PUC is driven by the subsystem.
Figure 16: Subsystem Reset
* RESET must be driven from
subsystem via an open drain/
collector device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41