| Moteur de recherche de fiches techniques de composants électroniques |
|
PJ30248RL Fiches technique(PDF) 1 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
PJ30248RL Fiches technique(HTML) 1 Page - Hammond Manufacturing Ltd. |
|
|
1 / 1 page ![]() 19.98 507.37 25.59 649.94 31.59 802.34 A A B B 8.00 203.20 1.75 44.45 10.35 262.92 .10 2.54 6.90 175.26 SECTION A-A OPTIONAL BACK PANEL SHOWN 0.100 [2.54] TH'K- ALUMINUM 0.075 [1.91] TH'K- WHITE STEEL & GALVANNEALED 0.250 [6.35] TH'K- FIBERGLASS 33.85 859.79 32.85 834.39 22.75 577.85 (4) .56 14.30 (4) STAINLESS STEEL MOUNTING FEET (4) EACH 3/8-16 BRASS INSERTS, AND STAINLESS STEEL FEET SCREWS SECTION B-B CLOSED CELL NEOPRENE GASKET S. ST'L HINGE (4) STAINLESS STEEL LOCKABLE SNAP LATCHES (4) EACH 3/8-16 BRASS INSERTS AND PLATED CARBON STEEL SCREWS 21.00 533.40 .47 11.94 19.25 488.95 24.00 609.55 27.00 685.80 25.25 641.35 30.00 761.95 FRONT VIEW COVER REMOVED AND BACK PANEL SHOWN CL CL MATERIAL: BOX- COMPRESSION MOLDED FIBERGLASS REINFORCED POLYESTER COVER- COMPRESSION MOLDED FIBERGLASS REINFORCED POLYESTER WINDOW- POLYCARBONATE DESCRIPTION SYM. DR DATE CK REL www.hammfg.com for more information visit Data subject to change without notice Drawing Not to Scale PART No. PJ30248RL |
Numéro de pièce similaire - PJ30248RL |
|
Description similaire - PJ30248RL |