Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C8C8 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce C8C8
Description  Seams continuously welded and ground smooth; no holes or knockouts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

C8C8 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  C8C8 Datasheet HTML 1Page - List of Unclassifed Manufacturers C8C8 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Spec-00356 F
Junction Boxes Consolets
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
Mild steel
2
Standard Product
  Pedestal columns and Bases for consolets
Catalog Number
AxBxC in./mm
Description
A44CCOL
35.00 x 4.00 x 4.00
889 x 102 x 102
Straight Pedestal Column
A66CCOL
35.00 x 6.00 x 6.00
889 x 152 x 152
Straight Pedestal Column
A18SBASE
18.00 x 18.00
457 x 457
Pedestal Base
A24SBASE
24.00 x 24.00
610 x 610
Pedestal Base



Html Pages

1 2