| Moteur de recherche de fiches techniques de composants électroniques |
|
SAC10 Fiches technique(PDF) 53 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SAC10 Fiches technique(HTML) 53 Page - Socay Electornics Co., Ltd. |
|
53 / 56 page ![]() www.socay.com 53 Radial Lead Transient Voltage Suppressors (TVS) K Series 1KA To 15KA Reverse Stand-Off Voltage Breakdown Voltage Test Current Current Rating Maximum Energy Maximum Clamping Voltage Reverse Leakage Part Number VAC(V) VDC(V) VBR(V) MIN.@IT IT (mA) IPP 8/20μs (KA) 10/1000 μs (A) VC(V) @IPP IR (μA) @VDC KA-012 8.5 12.8 14 1 3 500 28 20 KA-015 11 15 17 1 3 650 30 20 KA-020 14 20 22 1 3 800 40 20 KA-025 17 25 28 1 3 950 50 20 KA-030 21 30 33 1 3 1200 60 20 KA-042 30 42 47 1 3 1700 77 20 KA-058 40 58 64 1 3 2450 110 20 KA-066 45 66 70 1 3 2600 125 20 KA-076 54 76 85 1 3 2800 140 20 KA-100 72 100 110 1 3 4250 165 20 KA-133 100 133 147 1 3 5300 220 20 KA-170 130 170 180 1 3 7000 260 20 KA-190 145 190 200 1 3 8400 290 20 KA-200 150 200 222 1 3 8600 330 20 KA-240 180 240 250 1 3 9100 340 20 KB-012 8.5 12.8 14 1 6 1000 28 20 KB-015 11 15 17 1 6 1300 30 20 KB-020 14 20 22 1 6 1600 40 20 KB-025 17 25 28 1 6 1900 50 20 KB-030 21 30 33 1 6 2400 60 20 KB-042 30 42 47 1 6 3400 77 20 KB-058 40 58 64 1 6 4900 110 20 KB-066 45 66 70 1 6 5200 125 20 KB-076 54 76 83 1 6 5600 135 20 KB-100 72 100 110 1 6 8500 165 20 KB-133 100 133 147 1 6 10600 220 20 KB-170 130 170 180 1 6 14000 260 20 KB-190 145 190 200 1 6 16800 290 20 KB-200 150 200 222 1 6 17200 330 20 KB-240 180 240 250 1 6 18000 340 20 KB-275 210 275 300 1 6 19000 435 20 KB-300 230 300 330 1 6 25500 470 20 KB-380 275 380 401 1 6 30000 520 20 KC-012 8.5 12.8 14 1 10 1665 28 20 KC-015 11 15 17 1 10 2164 30 20 KC-020 14 20 22 1 10 2664 40 20 KC-025 17 25 28 1 10 3163 50 20 KC-030 21 30 33 1 10 3996 60 20 KC-042 30 42 47 1 10 5661 77 20 KC-058 40 58 64 1 10 8158 110 20 KC-066 45 66 70 1 10 8658 125 20 KC-076 54 76 83 1 10 9324 135 20 KC-100 72 100 110 1 10 14152 165 20 KC-133 100 133 147 1 10 17649 220 20 KC-170 130 170 180 1 10 23310 260 20 KC-190 145 190 200 1 10 27972 290 20 KC-200 150 200 222 1 10 28638 330 20 KD-012 8.5 12.8 14 1 15 2665 28 20 KD-015 11 15 17 1 15 3464 30 20 KD-020 14 20 22 1 15 4264 40 20 KD-025 17 25 28 1 15 5063 50 20 KD-030 21 30 33 1 15 6396 60 20 KD-042 30 42 47 1 15 9061 77 20 KD-058 40 58 64 1 15 13058 110 20 KD-066 45 66 70 1 15 13858 125 20 KD-076 54 76 85 1 15 14924 145 20 Electrical Characteristics (TA=25℃ unless otherwise noted) |