| Moteur de recherche de fiches techniques de composants électroniques |
|
DS501ST02 Fiches technique(PDF) 2 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS501ST02 Fiches technique(HTML) 2 Page - Dynex Semiconductor |
|
2 / 6 page ![]() 2/5 www.dynexsemi.com DS501ST Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 765 A - 1205 A - 1055 A Half wave resistive load 480 A - 750 A - 600 A CURRENT RATINGS T case = 75 oC unless otherwise stated Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 940 A - 1477 A - 1322 A Half wave resistive load 596 A - 937 A - 760 A T case = 100 oC unless otherwise stated |