| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2012SF57 Fiches technique(PDF) 2 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2012SF57 Fiches technique(HTML) 2 Page - Dynex Semiconductor |
|
2 / 7 page ![]() 2/7 www.dynexsemi.com DS2012SF Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load, T case = 100 oC 1015 A T case = 100 oC 1594 A T case = 100 oC 1480 A Half wave resistive load, T case = 100 oC 680 A T case = 100 oC 1067 A T case = 100 oC 920 A CURRENT RATINGS T case = 75 oC unless otherwise stated Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 1320 A - 2073 A - 1897 A Half wave resistive load 947 A - 1487 A - 1283 A T case = 100 oC unless otherwise stated |