| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2002SF Fiches technique(PDF) 2 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2002SF Fiches technique(HTML) 2 Page - Dynex Semiconductor |
|
2 / 7 page ![]() 2/7 www.dynexsemi.com DS2002SF Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 2320 A - 3644 A - 3300 A Half wave resistive load 1345 A - 2110 A - 1630 A CURRENT RATINGS T case = 75 oC unless otherwise stated Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 2996 A - 4707 A - 4122 A Half wave resistive load 2093 A - 3288 A - 2693 A T case = 100 oC unless otherwise stated |