| Moteur de recherche de fiches techniques de composants électroniques |
|
DNB61 Fiches technique(PDF) 2 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
DNB61 Fiches technique(HTML) 2 Page - Dynex Semiconductor |
|
2 / 7 page ![]() 2/7 www.dynexsemi.com DNB61 CURRENT RATINGS T case = 75 oC unless otherwise stated Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 3438 A - 5401 A - 4997 A Half wave resistive load 2589 A - 4066 A - 3586 A T case = 100 oC unless otherwise stated Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 2880 A - 4520 A - 4100 A Half wave resistive load 1870 A - 2940 A - 2550 A |