Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9338 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce L9338
Description  Quad low side driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9338 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button L9338 Datasheet HTML 6Page - STMicroelectronics L9338 Datasheet HTML 7Page - STMicroelectronics L9338 Datasheet HTML 8Page - STMicroelectronics L9338 Datasheet HTML 9Page - STMicroelectronics L9338 Datasheet HTML 10Page - STMicroelectronics L9338 Datasheet HTML 11Page - STMicroelectronics L9338 Datasheet HTML 12Page - STMicroelectronics L9338 Datasheet HTML 13Page - STMicroelectronics L9338 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
L9338
12/14
Doc ID 1766 Rev 5
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 5.
SO20 mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14