Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF75434 Fiches technique(PDF) 3 Page - Dynex Semiconductor

No de pièce DF75434
Description  Fast Recovery Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DF75434 Fiches technique(HTML) 3 Page - Dynex Semiconductor

  DF75434 Datasheet HTML 1Page - Dynex Semiconductor DF75434 Datasheet HTML 2Page - Dynex Semiconductor DF75434 Datasheet HTML 3Page - Dynex Semiconductor DF75434 Datasheet HTML 4Page - Dynex Semiconductor DF75434 Datasheet HTML 5Page - Dynex Semiconductor DF75434 Datasheet HTML 6Page - Dynex Semiconductor DF75434 Datasheet HTML 7Page - Dynex Semiconductor DF75434 Datasheet HTML 8Page - Dynex Semiconductor DF75434 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DF754
3/9
t
rr
80
Symbol
Typ.
Units
Parameter
V
FM
Forward voltage
I
RRM
Peak reverse current
Reverse recovery time
Q
RA1
Recovered charge (50% chord)
I
RM
Reverse recovery current
K
Soft factor
V
TO
Threshold voltage
r
T
Slope resistance
V
FRM
Forward recovery voltage
di/dt = 1000A/
µs, T
j = 125
oC-
-
V
At T
vj = 150
oC
-
0.6
m
Ω
At T
vj = 150
oC
-
1.25
V
--
-
-
300
A
-
1000
µC
6.0
-
µs
At V
RRM, Tcase = 150
oC-
mA
At 1500A peak, T
case = 25
oC
-
2.5
V
Conditions
Max.
I
F = 1000A, diRR/dt = 100A/µs
T
case = 150
oC, V
R = 100V
DEFINITION OF K FACTOR AND Q
RA1
0.5x I
RR
I
RR
dI
R/dt
t
1
t
2
τ
Q
RA1 = 0.5x IRR(t1 + t2)
k = t
1/t2
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9