Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54HSC Fiches technique(PDF) 8 Page - Dynex Semiconductor

No de pièce 54HSC
Description  Radiation hard 16-Bit ParallelError Detection & Correction
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

54HSC Fiches technique(HTML) 8 Page - Dynex Semiconductor

Back Button 54HSC Datasheet HTML 2Page - Dynex Semiconductor 54HSC Datasheet HTML 3Page - Dynex Semiconductor 54HSC Datasheet HTML 4Page - Dynex Semiconductor 54HSC Datasheet HTML 5Page - Dynex Semiconductor 54HSC Datasheet HTML 6Page - Dynex Semiconductor 54HSC Datasheet HTML 7Page - Dynex Semiconductor 54HSC Datasheet HTML 8Page - Dynex Semiconductor 54HSC Datasheet HTML 9Page - Dynex Semiconductor 54HSC Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
54HSC/T630
8/10
Ref
Millimetres
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
2.97
-
-
0.117
b
0.38
-
0.48
0.015
-
0.019
c
0.076
-
0.152
0.003
-
0.006
D
18.08
-
18.49
0.712
-
0.728
E
12.50
-
12.90
0.492
-
0.508
E2
9.45
-
9.85
0.372
-
0.388
e
1.14
-
1.40
0.045
-
0.055
L
8.00
-
9.27
0.315
-
0.365
Q
0.66
-
-
0.026
-
-
S
-
-
1.14
-
-
0.045
XG543
Figure 10: 28-Lead Ceramic Flatpack (Solder Seal) - Package Style F
E
b
e
D
L
A
Q
c
Pin 1
S
E2



Html Pages

1 2 3 4 5 6 7 8 9 10