Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPR1520 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce STPR1520
Description  15A SUPER-FAST GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

STPR1520 Fiches technique(HTML) 2 Page - Diodes Incorporated

  STPR1520 Datasheet HTML 1Page - Diodes Incorporated STPR1520 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS14006 Rev. E-2
2 of 2
STPR1505D-STPR1520D
50
100
150
0
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
1000
T= 25 C
j
°
f = 1.0MHz
0.001
0.1
1.0
10
100
0
40
80
160
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
0.01
200
120
T = 125 C
A
°
T= 25 C
A
°
0
5
10
15
20
25
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
0.1
1.0
10
100
0.2
0.6
1.0
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 125 C
A
°
T= 25 C
A
°
Pulse width = 300 s
2% duty cycle
µ
1.4



Html Pages

1 2