| Moteur de recherche de fiches techniques de composants électroniques |
|
SD101AW Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
SD101AW Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 2 page ![]() DS11012 Rev. 9 - 2 2 of 2 SD101AW-SD101CW 0 200 500 025 50 75 125 150 T , AMBIENT TEMPERATURE (°C) Fig.1 Power Derating Curve A 100 100 300 400 0.01 0.1 1.0 10 0 0.5 1.0 A B C V , FORWARD VOLTAGE (V) Fig.2Typical Forward Characteristic F 0 1 2 010 20 30 40 50 V , REVERSE VOLTAGE (V) R Fig.3 Typ. Total Capacitance vs Reverse Voltage T = 25 C j ° A B C Month Jan Feb March Apr May Jun Jul Aug Sep Oct Nov Dec Code 12 3 4 5 6 7 89 O N D Year1998 1999 2000 2001 2002 2003 2004 2005 Code JK L M NPR S Date Code Key XX = Product Type Marking Code YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September) XX Marking Information Note: 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Ordering Information Device Packaging Shipping SD101AW-7 SOD-123 3000/Tape and Reel SD101BW-7 SOD-123 3000/Tape and Reel SD101CW-7 SOD-123 3000/Tape and Reel (Note 3) |