| Moteur de recherche de fiches techniques de composants électroniques |
|
SP4273 Fiches technique(PDF) 3 Page - SIPAT Co,Ltd |
|
|
|||||||||||||||||||||||||||||
SP4273 Fiches technique(HTML) 3 Page - SIPAT Co,Ltd |
|
3 / 10 page ![]() Product Specification SP4273 Page 3 of 10 Control Voltages Signal Path Pin 6 (V2) = VDD Pin 4 (V1) = High RFC to RF1 Pin 6 (V2) = VDD Pin 4 (V1) = Low RFC to RF2 Table 5. Single-pin Control Logic Truth Table Table 6. Complementary-pin Control Logic Truth Table Control Voltages Signal Path Pin 6 (V2) = Low Pin 4 (V1) = High RFC to RF1 Pin 6 (V2) = High Pin 4 (V1) = Low RFC to RF2 Control Logic Input The SP4273 is a versatile RF CMOS switch that supports two operating control modes; single-pin control mode and complementary-pin control mode. Single-pin control mode enables the switch to operate with a single control pin (pin 4) supporting a +3-volt CMOS logic input, and requires a dedicated +3-volt power supply connection (pin 6). This mode of operation reduces the number of control lines required and simplifies the switch control interface typically derived from a CMOS µProcessor I/O port. Complementary-pin control mode allows the switch to operate using complementary control pins V1 and V2 (pins 4 & 6), that can be directly driven by +3-volt CMOS logic or a suitable µProcessor I/O port. This enables the SP4273 to operate in positive control voltage mode within the SP4273 operating limits. Tel: +86-23-62808818 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com |