| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER25HN Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER25HN Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 40 page ![]() VIPER25 Operation description Doc ID 15585 Rev 4 25/40 Figure 31. Typical power capability vs input voltage in quasi-resonant converter’s In order to proper select the value of the resistance RFF (see Figure 32 on page 26), once are known the proper IDlim set points at minimum and at the maximum converter input voltage. The following approximated formula calculates the value of the resistor RFF Equation 3 Where: ● Vin_Max and Vin_min are the maximum and minimum converter rectified input voltage ● naux is the primary to auxiliary winding turn ratio ● IZCD1, and IZCD2 are the currents needed to sink from the ZCD pin, in order to obtain the selected IDlim set points, respectively at Vin_max and Vin_min, the graph IDlim vs IZCD current is reported on Figure 16 on page 12). The RLIM Value can be calculated from the following formula knowing the RFF value: Equation 4 Where: VZCD1 and VZCD2 are the ZCD pin voltages when the sunk current is IZCD1 and IZCD2 respectively (see Figure 15 on page 12). Vin Vinmin 11.522.5 3 3.5 4 0.5 1 1.5 2 2.5 system optimally compensated system not compensated ) I I ( n V V R 2 ZCD 1 ZCD aux min _ in max _ in FF − ⋅ − = ⎟⎟ ⎟ ⎟ ⎟ ⎟ ⎟ ⎟ ⎠ ⎞ ⎜⎜ ⎜ ⎜ ⎜ ⎜ ⎜ ⎜ ⎝ ⎛ + − + − = FF 2 ZCD aux max _ in 2 ZCD 2 ZCD FF 1 ZCD aux min _ in 1 ZCD 1 ZCD LIM R V n V I V , R V n V I V Max R |